Part Number Hot Search : 
EL2075 1N3036 6VAQ8F CDRH3D28 HD7420P SLCB43A 1N3050C SKL32ASG
Product Description
Full Text Search
 

To Download MBRA120TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20776 07/04
MBRA120TRPBF
SCHOTTKY RECTIFIER 1.0 Amp
IF(AV) = 1.0Amp VR = 40V
Major Ratings and Characteristics Characteristics
IFAV VRRM IFSM @ tp = 5 s sine VF TJ @ 1.0Apk, TJ=125C range Rect. Waveform
Description/ Features Units
A V A V C The MBRA120TRPBF surface mount Schottky rectifier has been designed for applications requiring low forward drop and very small foot prints on PC boards. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Small foot print, surface mountable Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Value
1.0 20 310 0.34 - 65 to 150
Case Styles MBRA120TRPBF
SMA
www.irf.com
1
MBRA120TRPBF
Bulletin PD-20776 07/04
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) 20 VRWM Max. Working Peak Reverse Voltage (V)
MBRA120TR
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current Non Repetitive Avalanche Energy Repetitive Avalanche Current
Value
1.0 310 40 2.0 1.0
Units Conditions
A 50% duty cycle @ TL = 136C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse mJ A TJ = 25 C, IAS = 1A, L = 4mH Following any rated load condition and with rated VRRM applied
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (1)
Typ.
0.42 0.46 0.33 0.39 0.30 0.36
Max.
0.45 0.52 0.37 0.45 0.35 0.43 0.2 6.0 20 10000
Units
V V V V V V mA mA mA pF nH
Conditions
@ 1A @ 2A @ 1A @ 2A @ 1A @ 2A T J = 25 C TJ = 100 C TJ = 125 C VR = 5VDC (test signal range 100kHz to 1Mhz), @ 25C Measured lead to lead 5mm from package body VR = rated VR TJ = 25 C TJ = 100 C TJ = 125 C
IRM
Max. Reverse Leakage Current (1)
0.015 2.0 7.0
CT LS
Typical Junction Capacitance Typical Series Inductance
110 2.0 -
dv/dt Max. Voltage Rate of Change
(1) Pulse Width < 300s, Duty Cycle < 2%
V/ s (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Storage Temperature Range
Value
- 65 to 150 35 80
Units
C C
Conditions
Max. Junction Temperature Range(*) - 65 to 150
RthJL Max. Thermal Resistance Junction to Lead (**) RthJA Max. Thermal Resistance Junction to Ambient Wt Approximate Weight Case Style Device Marking
(*) dPtot dTj < 1 Rth( j-a)
C/W DC operation C/W
0.07(0.002) gr (oz) SMA IR12A
(**) Mounted 1 inch square PCB
Similar D-64
thermal runaway condition for a diode on its own heatsink
2
www.irf.com
MBRA120TRPBF
Bulletin PD-20776 07/04
100
Tj = 150C
Reverse Current - IR (mA)
10
10 1 0.1 0.01 0.001 0.0001
0 5 10
125C 100C 75C 50C 25C
Instantaneous Forward Current - I F (A)
15
20
Reverse Voltage - VR (V) Fig. 2 - Typical Peak Reverse Current Vs. Reverse Voltage
1
Tj = 150C Tj = 125C
1000
Junction Capacitance - C T (pF)
Tj = 100C Tj = 25C
Tj = 25C
100
0.1 0 0.2 0.4 0.6 0.8 1
Forward Voltage Drop - V FM (V) Fig. 1 - Maximum Forward Voltage Drop Characteristics
10 0 5 10 15 20
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
www.irf.com
3
MBRA120TRPBF
Bulletin PD-20776 07/04
155
Allowable Lead Temperature (C)
0.5
Allowable Power Loss (Watts)
150 145 140
Square wave
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75
0.4 0.3
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit
0.2 0.1 0 0 0.4
DC
135
see note (2)
DC
130 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6
Average Forward Current - I F(AV) (A) Fig. 4 - Maximum Average Forward Current Vs. Allowable Lead Temperature
0.8
1.2
1.6
Average Forward Current - I F(AV) (A) Fig. 5 - Maximum Average Forward Dissipation Vs. Average Forward Current
FSM (A)
1000
Non-Repetitive Surge Current - I
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
100
Tj = 25C
10 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 6 - Maximum Peak Surge Forward Current Vs. Pulse Duration
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D)
4
www.irf.com
MBRA120TRPBF
Bulletin PD-20776 07/04
Outline Table
Device Marking: IR12A
CATHODE AN OD E
1.40 (.055) 1.60 (.062)
2.50 (.098) 2.90 (.114)
1
2
4.00 (.157) 4.60 (.181) .152 (.006) .305 (.012) 2.00 (.078) 2.44 (.096) 0.76 (.030) 1.52 (.060) .103 (.004) .203 (.008) 4.80 (.188) 5.28 (.208)
1 P O LA R I TY
2 PA R T N U M B ER
1.47 MIN. (.058 MIN.)
2.10 MAX. (.085 MAX. )
1.27 MIN. (.050 MIN.)
5.53 (.218) SOLDERING PAD
Outline SMA Dimensions in millimeters and (inches) For recommended footprint and soldering techniques refer to application note #AN-994
Marking & Identification
Each device has 2 rows for identification. The first row designates the device as manufactured by International Rectifier, indicated by the letters "IR", and the Part Number (indicates the current, the voltage rating and Schottky Generation). The second row indicates the year, the week of manufacturing and the Site ID.
IR12A
VOLTAGE CURRENT
IR LOGO
PYWWX
SITE ID WEEK 2nd digit of the YEAR "Y" = 1st digit of the YEAR "standard product" "P" = "Lead-Free"
www.irf.com
5
MBRA120TRPBF
Bulletin PD-20776 07/04
Tape & Reel Information
Dimensions in millimetres and (inches)
Ordering Information Table
Device Code
MBR
1
A
2
1
3
20
4
TR
5
PbF
6
1 2 3 4 5 6
6
Schottky MBR Series A = SMA Current Rating (1 = 1 A) Voltage Rating (20 = 20V) TR = Tape & Reel (7500 pieces) none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/04
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of MBRA120TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X